Part Number Hot Search : 
96SA20TA CER3010 ST6020A 357NT ADP3300 SDL400 LLSD101C NDS8858H
Product Description
Full Text Search
 

To Download MC74LCX07DT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 january, 2005 ? rev. 9 1 publication order number: mc74lcx07/d mc74lcx07 low-voltage cmos hex buffer with open drain outputs with 5 v?tolerant inputs the mc74lcx07 is a high performance hex buffer operating from a 2.3 to 3.6 v supply. high impedance ttl compatible inputs significantly reduce current loading to input drivers. these lcx devices have open drain outputs which provide the ability to set output levels, or do active?high and or active?low or functions. a v i specification of 5.5 v allows mc74lcx07 inputs to be safely driven from 5 v devices. features ? designed for 2.3 to 3.6 v v cc operation ? 5 v tolerant inputs/outputs ? lvttl compatible ? lvcmos compatible ? 24 ma output sink capability ? near zero static supply current (10  a) substantially reduces system power requirements ? latchup performance exceeds 500 ma ? wired?or, wired?and ? output level can be set externally without affecting speed of device ? esd performance: human body model >1500 v; machine model >200 v ? pb?free packages are available* 13 14 12 11 10 9 8 2 1 34567 v cc a3 o3 a4 o4 a5 o5 a0 o0 a1 o1 a2 o2 gnd figure 1. pinout: 14?lead (top view) *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. marking diagrams a = assembly location wl, l = wafer lot y = year ww, w = work week tssop?14 dt suffix case 948g 14 1 soeiaj?14 m suffix case 965 soic?14 d suffix case 751a 14 1 1 14 lcx 07 alyw 74lcx07 alyw lcx07 awlyww 14 1 14 1 see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information 1 14 http://onsemi.com
mc74lcx07 http://onsemi.com 2 2 o0 1 a0 4 o1 3 a1 6 o2 5 a2 12 o3 13 a3 10 o4 11 a4 8 o5 9 a5 pin names function data inputs outputs pins an on truth table an on l h l z figure 2. logic diagram * * * * * * * od maximum ratings symbol parameter value condition unit v cc dc supply voltage ?0.5 to +7.0 v v i dc input voltage ?0.5  v i  +7.0 v v o dc output voltage ?0.5  v o  +7.0 output in high or low state (note 1) v i ik dc input diode current ?50 v i < gnd ma i ok dc output diode current ?50 v o < gnd ma ok +50 v o > v cc ma i o dc output/sink current +50 ma i cc dc supply current per supply pin  100 ma i gnd dc ground current per ground pin  100 ma t stg storage temperature range ?65 to +150 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. 1. i o absolute maximum rating must be observed. ordering information device package shipping 2 mc74lcx07d soic?14 55 units / rail mc74lcx07dr2 soic?14 2500 tape & reel mc74lcx07dr2g soic?14 (pb?free) 2500 tape & reel MC74LCX07DT tssop?14* 96 units / rail MC74LCX07DTr2 tssop?14* 2500 tape & reel mc74lcx07m soeiaj?14 50 units / rail mc74lcx07mel soeiaj?14 2000 tape & reel 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb?free.
mc74lcx07 http://onsemi.com 3 recommended operating conditions symbol parameter min typ max unit v cc supply voltage operating data retention only 2.0 1.5 2.3 to 3.3 5.5 5.5 v v i input voltage 0 5.5 v v o output voltage (high or low state) 0 5.5 v i oh high level output current v cc = 3.0 v?3.6 v v cc = 2.7 v?3.0 v v cc = 2.3 v?2.7 v ?24 ?12 ?8 ma i ol low level output current v cc = 3.0 v?3.6 v v cc = 2.7 v?3.0 v v cc = 2.3 v?2.7 v +24 +12 +8 ma t a operating free?air temperature ?40 +85 c  t/  v input transition rise or fall rate, v in from 0.8 v to 2.0 v, v cc = 3.0 v 0 10 ns/v dc electrical characteristics t a = ?40 c to +85 c symbol characteristic condition min max unit v ih high level input voltage (note 2) 2.3 v  v cc  2.7 v 1.7 v 2.7 v  v cc  3.6 v 2.0 v il low level input voltage (note 2) 2.3 v  v cc  2.7 v 0.7 v 2.7 v  v cc  3.6 v 0.8 v ol low level output voltage 2.3 v  v cc  3.6 v; i ol = 100  a 0.2 v v cc = 2.3 v; i ol = 8 ma 0.3 v cc = 2.7 v; i ol = 12 ma 0.4 v cc = 3.0 v; i ol = 16 ma 0.4 v cc = 3.0 v; i ol = 24 ma 0.55 i i maximum input leakage current 2.3 v  v cc  3.6 v, 0 v  v i  5.5 v  5  a i off power?off leakage current v cc = 0v, v o or v i = 5.5v 10  a i cc maximum quiescent supply current 2.3 v  v cc  3.6 v, v i = v cc or gnd 2.3 v  v cc  3.6 v, 3.6 v  v i  5.5 v 10  10  a  i cc increase in i cc per input 2.3 v  v cc  3.6 v 4.5 v  v cc  5.5 v 500 1.0  a ma 2. these values of v i are used to test dc electrical characteristics only. ac electrical characteristics limits t a = ?40  c to +85  c v cc = 3.3 v  0.3 v v cc = 2.7 v v cc = 2.5 v  0.2 v c l = 50 pf c l = 50 pf c l = 30 pf symbol parameter min max min max min max unit t plz t pzl propagation delay input to output 0.5 0.5 3.0 3.0 0.8 0.8 3.7 3.7 0.8 0.8 3.8 3.8 ns ns dynamic switching characteristics t a = +25 c symbol characteristic condition min typ max unit v olp dynamic low peak voltage (note 3) v cc = 3.3 v, c l = 50 pf, v ih = 3.3 v, v il = 0 v v cc = 2.5 v, c l = 30 pf, v ih =2.5 v, v il = 0 v 0.9 0.7 v v olv dynamic low valley voltage (note 3) v cc = 3.3 v, c l = 50 pf, v ih = 3.3 v, v il = 0 v v cc = 2.5 v, c l = 30 pf, v ih = 2.5 v, v il = 0 v ?0.8 ?0.6 v 3. number of outputs defined as ano. measured with an?1o outputs switching from high?to?low or low?to?high. the remaining output is measured in the low state.
mc74lcx07 http://onsemi.com 4 capacitive characteristics symbol parameter condition typical unit c in input capacitance v cc = 3.3 v, v i = 0 v or v cc 7 pf c out output capacitance v cc = 3.3 v, v i = 0 v or v cc 8 pf c pd power dissipation capacitance 10 mhz, v cc = 3.3 v, v i = 0 v or v cc 25 pf propagation delays t r = t f = 2.5 ns, 10% to 90%; f = 1mhz; t w = 500 ns v cc 0 v v lz an on t plz t pzl vmi vmo figure 3. ac waveforms v ol vmi symbol v cc 3.3 v  0.3 v 2.7 v 2.5 v  0.2 v vmi 1.5 v 1.5 v v cc /2 vmo 1.5 v 1.5 v v cc /2 v lz v ol + 0.3 v v ol + 0.3 v v ol + 015 v pulse generator r t dut v cc r l c l r 1 6 v or v cc  2 gnd test switch t pzl , t plz 6 v open collector/drain t plh and t phl 6 v t pzh , t phz gnd c l = 50 pf at v cc = 3.3  0.3 v or equivalent (includes jig and probe capacitance) c l = 30 pf at v cc = 2.5  0.2 v or equivalent (includes jig and probe capacitance) r l = r 1 = 500  or equivalent r t = z out of pulse generator (typically 50  ) figure 4. test circuit
mc74lcx07 http://onsemi.com 5 package dimensions soic?14 d suffix case 751a?03 issue g tssop?14 dt suffix case 948g?01 issue o dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c --- 1.20 --- 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane -w-.  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l ?u? seating plane 0.10 (0.004) ?t? ??? ??? section n-n detail e j j1 k k1 detail e f m -w- 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t ?v? 14x ref k n n notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. ?a? ?b? g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t ?t? f r x 45 seating plane d 14 pl k c j m  dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019 
mc74lcx07 http://onsemi.com 6 package dimensions soeiaj?14 m suffix case 965?01 issue o h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 1.42 --- 0.056 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). 0.13 (0.005) m 0.10 (0.004) d z e 1 14 8 7 e a b view p c l detail p m a b c d e e l m z on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 mc74lcx07/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MC74LCX07DT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X